Part Number Hot Search : 
AK93C65C IRF620 30452 HMD16 LM317 30N06 AP450 SA160
Product Description
Full Text Search
 

To Download MBRF20200CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M B R F2035C T TH R U M B R F20200C T
Isolation 20.0 AM PS. S chottky Barrier R ectifiers
Voltage R ange 35 to 200 Volts C urrent 20.0 Am peres
Features
Plastic m aterial used carries U nderw riters Laboratory C lassifications 94V-0 M etal silicon junction, m ajority carrier conduction Low pow er loss, high efficiency H igh current capability, low forw ard voltage drop H igh surge capability For use in low voltage, high frequency inverters, free w heeling, and polarity protection applications G uardring for overvoltage protection H igh tem perature soldering guaranteed: o 260 C /10 seconds,0.25"(6.35m m )from case
ITO -220A B
.1 34 (3 .4) D IA .11 3 ( 3 .0 )D I A
.112 (2 .85 ) .10 0 ( 2 .5 5)
. 2 72 ( 6 .9 ) . 2 48 ( 6 .3 )
. 6 06 (1 5. 5) . 5 83 (1 4. 8)
M echanical D ata
C ases: ITO -220AB m olded plastic Term inals: Leads solderable per M IL-STD -750, M ethod 2026 Polarity: As m arked M ounting position: Any M ounting torque: 5 in. - lbs. m ax W eight: 0.08 ounce, 2.24 gram s
. 11 0 (2 .8 ) .09 8 ( 2 . 5 )
. 5 4 3 (1 3 . 8 ) . 5 1 2 (1 3 . 2 )
PIN 1 PIN 3 PIN 2
D im ensions in inches and (m illim eters)
M axim um R atings and Electrical C haracteristics
R ating at 25 am bient tem perature unless otherw ise specified. Single phase, half w ave, 60 H z, resistive or inductive load. For capacitive load, derate current by 20% Sym bol M B R F M B R F Type N um ber
2035 CT 2045 CT M axim um R ecurrent P eak R everse V oltage M axim um R M S V oltage M axim um D C B locking Voltage M axim um A verage Forw ard R ectified C urrent at Total device T C =135 o C P er Leg P eak R epetitive Forw ard C urrent P er leg (R ated V R , o S quare W ave, 20K H z) at Tc=135 C P eak Forw ard S urge C urrent, 8.3 m s S ingle H alf S ine-w ave S uperim posed on R ated Load (JE D E C m ethod ) P eak R epetitive R everse S urge C urrent (N ote 1) M axim um Instantaneous Forw ard V oltage at (N ote 2) I F =10A , Tc=25 O C I F =10A , Tc=125 O C I F =20A , Tc=25 O C I F =20A , Tc=125 O C M axim um Instantaneous R everse C urrent @ Tc=25 at R ated D C B locking V oltage @ Tc=125 V oltage R ate of C hange, (R ated V R ) Typical Therm al R esistance P er Leg (N ote 3) R JC Typical Junction C apacitance R M S Isolation Voltage (M B R F Type O nly) from Term inals to H eatsink w ith t=1.0 S econd, R H 30% O perating Junction Tem perature R ange T J S torage Tem perature R ange TSTG N otes: 1. 2. 3. 4. 5. 6.
MBRF MBRF MBRF MBRF MBRF 2050 2060 20100 20150 20200 CT CT CT CT CT
U nits
V RRM V RMS V DC I (AV) I FR M I FSM IR R M VF
35 24 35
45 31 45
50 35 50
60 42 60
20 10 20.0 150
100 70 100
150 105 150
200 140 200
V V V A A A
1.0 0.57 0.84 0.72 0.1 15.0 1.5 400 0.80 0.70 0.95 0.85
0.5 0.85 0.75 0.95 0.85 0.15 150.0 3.5 310 4500 (N ote 4) 3500 (N ote 5) 1500 (N ote 6) -65 to +150 -65 to +175 0.99 0.87 1.23 1.10
A V
IR dV/dt
R JC Cj
mA V/uS /W pF V
10,000
V ISO
TJ TSTG
2.0us Pulse W idth, f=1.0 K H z P ulse Test: 300us P ulse W idth, 1% D uty C ycle Therm al R esistance from Junction to C ase P er Leg, w ith H eatsink S ize (4"x6"x0.25") A l-P late C lip m ounting (on case), w here lead does not overlap heatsink w ith 0.110" offset. C lip M ounting (on case), w here leads do overlap heatsink. S crew M ounting w ith 4-40 screw , w here w asher diam eter is 4.9 m m (0.19")
- 174 -
RATINGS AND CHARACTERISTIC CURVES (MBRF2035CT THRU MBRF20200CT)
FIG.1- FORWARD CURRENT DERATING CURVE
20 150
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
PEAK FORWARD SURGE CURRENT. (A)
Tj=Tj max. 8.3ms Single Half Sine Wave JEDEC Method
AVERAGE FORWARD CURRENT. (A)
RESISTIVE OR INDUCTIVE LOAD 16
125
100 75
12
8
50
4
25
0
0
50 CASE TEMPERATURE. ( C)
o
100
150
0 1 10 NUMBER OF CYCLES AT 60Hz 100
40
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER LEG
50
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER LEG
INSTANTANEOUS FORWARD CURRENT. (A)
10
Tj=150 0C
10
Pulse Width=300 s 1% Duty Cycle
INSTANTANEOUS REVERSE CURRENT. (mA)
Tj=125 0C 1
1 Tj=25 0C
Tj=75 0C 0.1
0.1
MBRF2035CT-MBRF2045CT MBRF2050CT & MBRF2060CT MBRF20100CT-MBRF20200CT
0.01
Tj=25 0C
MBRF2035CT-MBRF2045CT MBRF2050CT-MBRF20200CT 0.01 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 0.001 0 20 40 60 80 100 120 140
FORWARD VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
5,000
Tj=25 0C f=1.0MHz Vsig=50mVp-p
FIG.6- TYPICAL TRANSIENT THERMAL IMPEDANCE PER LEG
100
TRANSIENT THERMAL IMPEDANCE, OC/W
100
JUNCTION CAPACITANCE.(pF)
10
1,000
1
MBRF2035CT-MBRF2045CT MBRF2050CT-MBRF20200CT
100 0.1 1 10 REVERSE VOLTAGE. (V)
0.1 0.01
0.1
1 T, PULSE DURATION, sec.
10
100
- 175 -


▲Up To Search▲   

 
Price & Availability of MBRF20200CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X